Part Number Hot Search : 
146463 BAT54CDW C4430 60PVL1 MC3326 MC3326 OM5610 0603Y1
Product Description
Full Text Search
 

To Download 2N5881 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-3 package Low collector saturation voltage Complement to type 2N5879 2N5880 APPLICATIONS For general-purpose power amplifier and switching applications
PINNING PIN 1 2 3 Base Emitter Collector DESCRIPTION
2N5881 2N5882
Fig.1 simplified outline (TO-3) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL
VCBO

PARAMETER
CONDITIONS
2N5881
Collector-base voltage
2N5882
VCEO
VEBO IC ICM IB PD Tj Tstg
ANG INCH
Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Total Power Dissipation Junction temperature Storage temperature
2N5881
2N5882
EMIC ES
Open emitter Open base Open collector
OND
TOR UC
VALUE 60 80 60 80 5 15 30 5
UNIT
V
V
V A A A W ae ae
TC=25ae
160 150 -65~200
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.1 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2N5881 2N5882
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2N5881 IC=0.2A ;IB=0 2N5882 IC=7A;IB=0.7A IC=15A;IB=3.75A IC=15A;IB=3.75A IC=6A ; VCE=4V VCB=ratedVCBO; IB=0 2N5881 2N5882 VCE=30V; IB=0 VCE=40V; IB=0 VCE=ratedVCE; VBE=1.5V TC=150ae VEB=5V; IC=0 80 1.0 4.0 2.5 1.5 0.5 V V V V mA CONDITIONS MIN 60 V TYP. MAX UNIT
SYMBOL
VCEO(SUS)
Collector-emitter sustaining voltage
VCEsat-1 VCEsat-2 VBEsat VBE ICBO
Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage Collector cut-off current
ICEO
Collector cut-off current
ICEX IEBO hFE-1 hFE-2 hFE-3 fT
Collector cut-off current

Emitter cut-off current DC current gain DC current gain DC current gain
HAN INC
SEM GE
OND IC
TOR UC
0.5 5.0 1.0 100
1.0
mA
mA mA
IC=2A ; VCE=4V IC=6A ; VCE=4V IC=15A ; VCE=4V
35 20 4 4 MHz
Trainsistion frequency
IC=1A ; VCE=10V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N5881 2N5882
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2N5881

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X